AM29DL320GB70WDF AM29DL320GB120 AM29DL320GT70PCFN |
For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path. 对于新的设计,涉及TSOP封装,S29JL032H会取代Am29DL320G,是厂家推荐的迁移路径 For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path. 2M X 16 FLASH 3V PROM, 70 ns, PBGA63 High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters 16-CDIP -55 to 125 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 DIODE SCHOTTKY SINGLE 10V 200mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-323 3K/REEL DIODE SCHOTTKY HEX COMMON-CATHODE 30V 250mW 0.57V-vf 200mA-IFM 30mA-IF 0.7uA-IR DFN1616-6 3K/REEL
|
Advanced Micro Devices SPANSION LLC Spansion, Inc. PROM Spansion Inc.
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|